PART |
Description |
Maker |
BC557 BC556B BC556A BC557B BC556 BC557C BC558 |
PNP Silicon Planar Epitaxial Transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
DCX124EK DCX124EK-7 DCX144EK-7 DCX144EK DCX114YK-7 |
Redel 1P/ Female Solder 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
PMP5501G PMP5501V PMP5501Y PMP5501Y135 PMP5501G115 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors; Package: SOT353 (UMT5); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BC856BS |
65 V, 100 mA PNP/PNP general-purpose transistor 65 V, 100 mA PNP-PNP general-purpose transistor 100 mA, 65 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PBLS6021D |
60 V, 1.5 A PNP BISS loadswitch 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SC4504C1-TD 2SA1575C1-TD 2SA1740E2-TD 2SA1575D-TD |
300 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 100 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 200 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243
|
SANYO SEMICONDUCTOR CO LTD
|
MMST7157T146 MMST7157T147 MMST918ST147 BC858BT117 |
200 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
DTA124XET1G DTA115EET1 |
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
MMUN2111LT1G MMUN2112LT1G |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors Small Signal Bias Resistor Transistor SOT23, (TO236AB) PNP 50V; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
Rectron Semiconductor
|
BCY78-VIII BCY78 BCY78-IX BCY78-VII BCY78-X BCY79- |
Safety Sign; Legend:No Smoking; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PNP SILICON TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Hearing Protection Must Be Worn In This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Wear Safety Shoes in This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PROTECTIVE WEAR SIGN Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
UNR9113J UNR9111J UNR911AJ UNR911DJ UN911EJ UNR911 |
Silicon PNP epitaxial planar type 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Composite Device - Transistors with built-in Resistor
|
Panasonic, Corp.
|
|